|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
WATER-COOLED TYPE DEUTERIUM LAMPS L1314, L1835 High Intensity, 150 W Type, Vacuum UV (from 115 nm) Light Source - L1835 The L1314 and L1835 are water-cooled 150 W deuterium lamps that deliver a radiant intensity 3 to 4 times higher than standard 30 W deuterium lamps. The lamp bulb is enclosed in a cylindrical metal jacket specially designed for water cooling. The L1314 has a synthetic silica window for an efficient emission of UV radiation, and the L1835 employs a MgF2 (magnesium fluoride) window which even allows emitting vacuum UV radiation. Select the lamp that matches wavelengths required by your application. Vacuum flanges are also available as options in the L1835 for easy mounting to a vacuum chamber. APPLICATIONS GSpectrophotometer, Fluorescence Spectrophotometer GRemoval of static electricity from the semiconductor wafer GPID (Photo Ionization Detector) GSolar Simulator GOptical CVD GOptical Chemical Reaction GExcitation Light Source LLeft: L1835 Right: L1314 TLSOF0140 Figure 1: Spectral Distribution L1314: UV range RADIANT INTENSITY (W/cm2.nm) at 30cm 1.2 1.0 L1314 0.5 TLSOB0055EB SPECIFICATIONS GENERAL Parameter L1314 L1835 160 to 400 115 to 400 Spectral Distribution Synthetic silica MgF2 Window Material 2.5 Aperture Size Water cooling A Cooling Method 720 950 Weight (Approx.) No Yes Installation to Vacuum Port Parameter Heater Voltage (DC, AC) Warm-up Heater Current (DC, AC) Warm-up Time Heater Voltage (DC) Operation Heater Current (DC) Discharge Starting Voltage (DC) Anode Current Tube Drop Voltage (DC) Output Drift (Max.) Stability Fluctuation (Max.) Water Flow Rate Estimated Life NOTE: ATypes L1314 and L1835 cannot be operated without cooling water passing through them. Care should be taken that the lamp is positioned properly so that the two nozzles are aligned vertically, with the water flowing into the jacket at the bottom nozzle and leaving the jacket at the top nozzle. If this arrangement is not observed, there is a danger of damaging the lamp due to overheating. Unit nm -- mm dia. -- g -- Unit V A Typ. s V A Typ. V Min. A V %/h % p-p L/min h 0.1 0.05 30 W TYPE RECOMMENDED OPERATING CONDITION / CHARACTERISTICS (at 25 C) Value 10 1 1.2 20 5 1 500 1.2 120 10 1.0 0.5 1.5 300 0.01 160 200 240 280 320 360 400 WAVELENGTH (nm) L1835: Vacuum UV range TLSOB0054EB 100 160.8 RELATIVE OUTPUT INTENSITY (%) 80 125.4 60 121.6 Flow of cooling water OUTLET UP 40 20 INLET TLSOC0016EC 0 110 120 130 140 150 160 170 WAVELENGTH (nm) Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office. Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2006 Hamamatsu Photonics K.K. WATER-COOLED TYPE DEUTERIUM LAMPS L1314, L1835 Figure 2: Dimensional Outline L1314 50.8 25.4 L1835 50.8 48 25.4 80 8 150 8 110 ARC POINT ARC POINT 42 25 192 CATHODE ANODE 1 2 4 3 CATHODE ANODE 1 2 4 3 IC HEATER 85 40 11 25 PIN CONNECTION ( Connector : Miyama Elec . MC-032 ) TLSOA0027EC 95 IC HEATER 50 * L1314 cannot be used with the vacuum chamber. The main body might be damaged when using it by mistake. 11 PIN CONNECTION ( Connector : Miyama Elec . MC-032 ) TLSOA0028EC OPTION (sold separately) G POWER SUPPLY C3150 The C3150 power supply is specifically designed for water-cooled 150 W lamps. Various devices to provide stable light output are built into this power supply. Protective functions such as a water flow rate monitor and lamp lighting monitor also ensure safe and correct operation. Filament (heater) output Parameter Description/Value 10 V, 1.2 A Output Voltage for Warm-up (DC) Approx. 30 s Warm-up Time 5 V 0.5 V, 1.0 A Output Voltage for Operation (DC) 1.0 % or less Input Fluctuation (10 %) 2 A slow-blow or by electronic circuit Over-load Protection 100 V / 118 V / 230 V (10 %) Input Source Voltage (AC) Approx. 330 VA Apparent Power 0 C to 40 C Operating Ambient temperature +5 C to +35 C Performance Guaranteed Temperature Forced air cooling Cooling Method Flow rate switch (1.5 L/min) Cooling Water Detection Method Less cooling water, Protective Functions excessive temperature in the C3150, (LED on when malfunction) short circuit, disconnection 215(W) x 125(H) x 265(D) External Dimensions (mm) Approx. 10 kg Weight CHARACTERISTICS Anode output Parameter Description/Value 1.2 A Output Current (DC) 120 V 25 V Normal Operation (DC) Output 250 V Typ. No Load (DC) Voltage 600 V peek Trigger Voltage 0.1 % Max. Input Fluctuation (10 %) Load Fluctuation (normal operation range) 0.1 % Max. Output 0.1 %/h Max. Fluctuation Drift 0.1 % p-p Max. Ripple 1.5 A Fuse Over-load Protection G VACUUM FLANGE E3444 SERIES (for L1835) Since the L1835 vacuum UV deuterium lamp is often used while installed onto a vacuum chamber, Hamamatsu provides the E3444 series vacuum flanges specially designed for this purpose. Among these, the E3444-02 has a flange conforming to ICF114 specifications, allowing easy installation onto most vacuum chamber ports. The E3444 series also includes a general-purpose "N" flange and JIS (Japanese Industrial Standards) specification flange. Select the desired type depending on the vacuum equipment to be used. Dimensional Outline E3444-02 (Unit: mm) 8- 8.4 O-RING P.C.D. 92.2 70 0.3 114 40 SPECIFICATIONS Type No. Sealing Method E3444 E3444-01 O-Ring E3444-02 Flange Regular JIS VF50 ICF114 Mount Sealing Force Flange Retention -- 1.33 x 10-4 Pa L/s or less JIS VG50 (1 x 10-6 Torr L/s) ICF114 TLSOA0053EA Attachment Reference It is designed to be simply inserted over the lamp housing. VACUUM FLANGE TLSOC0017EB WEB SITE www.hamamatsu.com HAMAMATSU PHOTONICS K.K., Electron Tube Division 314-5, Shimokanzo, Iwata City, Shizuoka Pref., 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205 U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se TLSO1012E03 Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it JUL. 2006 IP |
Price & Availability of L1835 |